PART |
Description |
Maker |
MAX6629 MAX6629-MAX6632 MAX6629MUT-T MAX6631 MAX66 |
12-Bit Sign Digital Temperature Sensors with Serial Interface 12-Bit Sign Digital Temperature Sensors with Serial Interface 12-Bit Sign Digital Temperature Sensors with Serial Interface BACKSHELL Quadruple 2-Input Exclusive-OR Gates 14-CDIP -55 to 125 12 符号位数字温度传感器,串行接
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
B59601A0110A062 B59601 |
Sensors Limit Temperature Sensors, SMDs, EIA Size 0603
|
EPCOS[EPCOS]
|
B59100C0090A070 B59100C0160A070 B59100C0050A070 B5 |
Sensors Limit Temperature Sensors, Leaded Disks, Coated
|
EPCOS AG
|
629-75 629-40 629-45 629-6 629-60 629-30 629-35 62 |
±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface Logic IC 5V Programmable, Low-Dropout Voltage Regulator Low-Voltage, 1.8kHz PWM Output Temperature Sensors Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 1024°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) 逻辑IC PWM Output Temperature Sensors in SC70 Packages
|
Keystone Electronics, Corp.
|
AD592ACHIPS |
Current Output – Precision IC Temperature Transducer; Package: CHIPS OR DIE; No of Pins: -; Temperature Range: Commercial
|
ANALOG DEVICES INC
|
DS1623 |
High Resolution Temperature Measurementwith Dallas Direct-to -digital Temperature Sensors(数字温度 DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc.
|
6240-99-995-1170 6240-99-995-1183 6240-99-995-1232 |
LAMP BA9S 6.5V 2W LAMP MES 24V 2.8W Precision, Low-Power, 6-Pin SOT23 Temperature Sensors and Voltage References LAMP BA9S 24V 2.9W 灯BA9S 24V2.9W FILAMENT LAMP 12V 183MA 白炽2V83MA High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package 灯MES4V的为1.2W CMOS Monolithic Voltage Converter 12V.2W的灯BA9S CMOS Monolithic Voltage Converter MES.5VW的灯
|
Electronic Theatre Controls, Inc. Dialight PLC Molex, Inc. ITT, Corp.
|
HDOB001DY8H HDOB002DY8H HDOB001DY8P HDOB002DY8P HD |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
SCX30DN SCX01DN SCX05DN SCX100AN SCX100DN SCX150AN |
Precision Compensated Pressure Sensors
|
List of Unclassifed Manufacturers ETC[ETC]
|
TC1047A TC1047VNB TC1047AVNB TC1047 TC1047AVNBTR |
Precision Temperature-to-Voltage Converter The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A can accurately measure temperature from -40C to 125C. For the TC1047A, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
ABL004-00E |
Precision Gear Tooth and Encoder Sensors
|
List of Unclassifed Man...
|